Part Number Hot Search : 
IN74HC1 732A0506 MC1451 K9K8G08U 1N1184 G06CT 150CA LL4448
Product Description
Full Text Search
 

To Download 2N4867A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 01/99
B-17
2N4867, 2N4867A, 2N4868, 2N4868A, 2N4869, 2N4869A
N-Channel Silicon Junction Field-Effect Transistor
Audio Amplifiers
Absolute maximum ratings at TA = 25C
Reverse Gate Source & Reverse Gate Drain Voltage Gate Current Continuous Device Power Dissipation Power Derating Storage Temperature Range
- 40 V 50 mA 300mW 1.7 mW/C - 65C to + 200C
At 25C free air temperature: Static Electrical Characteristics Gate Source Breakdown Voltage Gate Reverse Current Gate Source Cutoff Voltage Drain Saturation Current (Pulsed) Dynamic Electrical Characteristics Common Source Forward Transconductance Common Source Output Conductance Common Source Input Capacitance Common Source Reverse Transfer Capacitance Equivalent Short Circuit Input Noise Voltage Noise Figure gfs gos Ciss Crss eN V(BR)GSS IGSS VGS(OFF) IDSS
2N4867 2N4867A Min - 40 - 0.25 - 0.25 - 0.7 0.4 -2 1.2 Max
2N4868 2N4868A Min - 40 - 0.25 - 0.25 -1 1 -3 3 Max
2N4869 2N4869A Min - 40 - 0.25 - 0.25 - 1.8 2.5 -5 7.5 Max Unit V nA A V mA
Process NJ16 Test Conditions IG = - 1A, VDS = OV VGS = - 30V, VDS = OV VGS = - 30V, VDS = OV VDS = 20V, ID = 1 A VDS = 20V, VGS = OV TA = 150C
700
2000 1.5 25 5 20 10 1
1000
3000 4 25 5 20 10 1
1300
4000 10 25 5 20 10 1
S S pF pF
nV/HZ nV/HZ
VDS = 20V, VGS = OV VDS = 20V, VGS = OV VDS = 20V, VGS = OV VDS = 20V, VGS = OV VDS = 10V, VGS = OV VDS = 10V, VGS = OV VDS = 10V, VGS = OV
f = 1 kHz f = 1 kHz f = 1 MHz f = 1 MHz f = 10 Hz f = 1 kHz f = 1 kHz
NF
dB
(2N4867, 68, 69) RG = 20 k (2N4867A, 68A, 69A) RG = 5 k
TO72 Package
Dimensions in Inches (mm)
Surface Mount
SMP4867, SMP4867A, SMP4868, SMP4868A, SMP4869, SMP4869A
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
www.interfet.com
1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375


▲Up To Search▲   

 
Price & Availability of 2N4867A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X